PART |
Description |
Maker |
MAX856-MAX859 MAX859CSA MAX859CUA MAX859ESA MAX859 |
3-Line To 8-Line Decoders/Demultiplexers 16-CDIP -55 to 125 3.3V/5V or Adjustable-Output / Step-Up DC-DC Converters 8-Line To 3-Line Priority Encoders 16-CFP -55 to 125 3.3V/5V or Adjustable-Output Step-Up DC-DC Converters 3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters 3.3V/5V or Adjustable Output, Step-Up DC-DC Converters
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ST777 ST777ACD ST777ACN ST778 ST778ACD ST778ACN ST |
LOW VOLTAGE 3-3.3V/5V/ADJUSTABLE OUTPUT DC-DC CONVERTER WITH SYNCHRONOUS RECTIFIERS LOW VOLTAGE INPUT, 3-3.3V/5V/ADJUSTABLE OUTPUT DC-DC CONVERTER WITH SYNCHRONOUS RECTIFIER LOW VOLTAGE 3-3.3V/5V/ADJUSTABLE OUTPUT DC-DC CONVERTER WITH SYNCHRONOUS RECTIFIERS FUSE, 3A, FAST ACTING, 0603
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
ADP3331 ADP3331ART ADP3331ART-REEL7 |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 1.5 V-11.75 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 Adjustable Output Ultralow IQ/ 200 mA/ SOT-23/ anyCAP Low Dropout Regulator High Accuracy, Ultra-Low Quiescent Current LDO; SOT-23 1.5 V-11.75 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 Adjustable Output Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator Adjustable Output Ultralow IQ, 200 mA, SOT-23, anyCAP⑩ Low Dropout Regulator
|
Analog Devices, Inc. AD[Analog Devices]
|
LM317M |
3-Terminal 0.5A Positive Voltage Adjustable Regulator (Output Voltage Adjustable Over1.2V to 37V)(三端可调正输出电压稳压器(输出可调电压:1.2V7V、输.5A
|
Fairchild Semiconductor Corporation
|
BYT52A BYT52M BYT52 BYT52B BYT52D BYT52G BYT52J BY |
INNOLINE: RP75-xxxxSB - Single Outputs up to 25A; Input/Output 1.6kVDC Isolation; Adjustable Output Voltage; No Minimum Load; Under -Voltage Lockout - Adjustable Output Voltage, Independently Regulated Outputs- No Minimum Load- Industry Standard Footprint- Halt Tested- Compact 61.0 x INNOLINE: RP75-S_DI - Single Output up to 20A Dual Outputs Total Current up to 15A up to 100% Load Imblance- Input/Output 1.6kVDC Isolation Fast Silicon Mesa Rectifiers From old datasheet system
|
Vishay Intertechnology,Inc. Vishay Telefunken Vishay Siliconix
|
LT1118CST-2.5 LT1118CST-2.85 LT1118-2.5 LT1118-5 L |
LED 570NM GREEN DIFF 1206 SMD Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output Low I Q , Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output Low IQ/ Low Dropout/ 800mA/ Source and Sink Regulators Adjustable and Fixed 2.5V/ 2.85V/ 5V Output From old datasheet system
|
Linear Technology Corporation LINER[Linear Technology]
|
ADM693A ADM691A ADM693AARN ADM693AAN ADM693AARW AD |
P Supervisor , Adjustable Reset and Watchdog Periods P Supervisor with Backup Battery Switchover, Watchdog Feature, Power Fail Warning, 4.4V Threshold Voltage, 250mA Output Current P Supervisor with Backup Battery Switchover, Adjustable Reset and Watchdog Periods, Chip Enable Signals, 4.65V Threshold Voltage, Watchdog, Battery Backup and Low Vcc Status O/Ps and 250mA Output Current P Supervisor with Backup Battery Switchover, 50 ms Nominal Adjustable Reset Period, Adjustable Watchdog Period, Chip Enable Signals, 4.65V Threshold Voltage, Watchdog, Backup Battery and Low Vcc Status O/Ps and 100mA Output Current Microprocessor Supervisory Circuits
|
Analog Devices http://
|
LM317LBZG NCV317LBZG LM317LZG LM317LZREG LM317LZRM |
100 mA Adjustable Output, Positive Voltage Regulator 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PBCY3 100 mA, Adjustable Output, Positive Voltage Regulator 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PBCY3 100 mA Adjustable Output, Positive Voltage Regulator
|
ON Semiconductor
|
SG117A SG117 SG217 SG217A SG317 SG317A JAN117K JAN |
Positive Adjustable Linear Voltage Regulators ADJUSTABLE POSITIVE REGULATOR, MBCY3 From old datasheet system 1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR GT 6C 6#16 PIN RECP BOX ADJUSTABLE POSITIVE REGULATOR, MBFM2
|
MICROSEMI[Microsemi Corporation] MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP
|
BYM26A BYM26G BYM26 BYM26B BYM26D BYM26F BYM26E BY |
From old datasheet system Fast soft-recovery controlled avalanche rectifiers(快速软恢复可控雪崩整流器(400 V Fast soft-recovery controlled avalanche rectifiers(快速软恢复可控雪崩整流00V INNOLINE: RP50-S - Single Outputs up to 15A- Input/Output 1.6kVDC Isolation- Adjustable Output Voltage- No Minimum Load- Under -Voltage Lockout INNOLINE: RP50-xxxxSB - Single Outputs up to 20A; Input/Output 1.6kVDC Isolation; Adjustable Output Voltage; No Minimum Load; Under -Voltage Lockout
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
IDT74AUC16245 IDT74AUC16245BVI IDT74AUC16245PAI ID |
Adjustable Precision Shunt Regulator 6-SC70 0 to 70 1.8V CMOS6位总线收发器和三态输 Adjustable Precision Shunt Regulator 8-SOIC 0 to 70 AUC SERIES, DUAL 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO48 1.8V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
CAT431L CAT431LEUK-TE7 CAT431LEUR-TE7 CAT431LEZR-T |
1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.24 V, PDSO3 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.24 V, MBCY3 Low-Voltage Adjustable Precision Voltage Reference Adjustable Precision Shunt Voltage Reference. 1.24 V Reference,
|
STMicroelectronics N.V. CATALYST[Catalyst Semiconductor] http://
|